Part Number Hot Search : 
90TFIR10 IN7200 KBPC1010 HWL34YRA 88SE91 166AXI MSM7512B MB15E07
Product Description
Full Text Search
 

To Download FYSH-5050RGB-60-24V-WW10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model. no. ningbo foryard optoelectronics co.,ltd. add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 rev. channel letters lighting source for shop windows http://www.foryard.com advertising signs indoor decoration lighting checked by prepared by customer approved signatures approved by FYSH-5050RGB-60-24V-WW10 a model no. FYSH-5050RGB-60-24V-WW10 product specification features: replacement for neon the application of soft & flexible pcb makes the strip possible to be bent into any shape as per users needs. the viewin g angle as wide as 120and adjustable length by cutting off or connect ing every three led's enable it to be more suitable for the applications of signs, advertisings and backlights. applications: monocolor flexible smd led
model. no. photo drawing (1 meter) notes: 1. all dimensions are millimeters. 2. tolerance is 0.2mm unless otherwise specified. 3. specifications are subject to change without no tice. 4. dimension: l1000*w10*h3.0mm.without prior notic e. 5. can be cut or connected every six leds. circuit diagram(a single group) page 2/5 rev. model no. FYSH-5050RGB-60-24V-WW10 http://www.foryard.com FYSH-5050RGB-60-24V-WW10 a 100010mm 1103mm 1 0 m m 0 . 2 m m 100mm 3 . 0 m m 5.0 5.0 l e d 6 0 l e d 6 0 l e d 6 0 l e d 6 0 r 2 9 r 2 9 r 2 9 r 2 9 r 3 0 r 3 0 r 3 0 r 3 0 l e d 4 l e d 4 l e d 4 l e d 4 l e d 5 8 l e d 5 8 l e d 5 8 l e d 5 8 l e d 5 l e d 5 l e d 5 l e d 5 l e d 5 9 l e d 5 9 l e d 5 9 l e d 5 9 l e d 6 l e d 6 l e d 6 l e d 6 l e d 1 l e d 1 l e d 1 l e d 1 r 1 r 1 r 1 r 1 l e d 2 l e d 2 l e d 2 l e d 2 l e d 3 l e d 3 l e d 3 l e d 3 r 2 r 2 r 2 r 2 r 3 r 3 r 3 r 3 r rr r g gg g b bb b l e d 5 5 l e d 5 5 l e d 5 5 l e d 5 5 r 2 8 r 2 8 r 2 8 r 2 8 l e d 5 6 l e d 5 6 l e d 5 6 l e d 5 6 l e d 5 7 l e d 5 7 l e d 5 7 l e d 5 7
model. no. rating electrical/optical characteristics(1 meter) rating electrical/optical characteristics(5 meter) page 3/5 72w 5m0.5mm. 3000 300g 600 / 2300 480 60 l1000*w10*h3mm 20 20 20 60 24w 24w 24w 5m0.5mm 5m0.5mm 5m0.5mm 1000 1000 1000 300g 300g 300g dc24 dc24 4.8 single led luminous intensity(mcd) operation temperature( ) power dissipation(w) operation voltage(v) angle() dc24 4.8 single led operating current(ma) item approval net weight:(g) life time(hrs) dimension:(mm) led quantity(pcs) luminous flux(lm) wavelength(nm) input current(ma) 4.8 200 200 white dc24 14.4 red blue ce(no:e8n 08 03 57489 002) 200 600 1300 625-635 465-475 515-525 green http://www.foryard.com 400 120 -20~60 50000 60 item red blue green white power dissipation total length input current(ma) weight rev. 126 294 60 model no. FYSH-5050RGB-60-24V-WW10 FYSH-5050RGB-60-24V-WW10 a
model. no. package(5 meters) the backsides of all products will stick 3m brande d double-sided sticker with 10mm width. page 4/5 rev. http://www.foryard.com FYSH-5050RGB-60-24V-WW10 a model no. FYSH-5050RGB-60-24V-WW10 1 7 8 1 . 0 6 0 0 . 5 130.1 150.15 1 3 . 5 0 . 2 44.0 4 6 . 0 3 4 . 0 rohs rohs rohs rohs 5m reel 3reels/box reel pn: FYSH-5050RGB-60-24V-WW10 outside label outside label foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led led led led qty: 360 m date:xxxx/xx/xx gw: 23 kg nw: 25 kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention 24boxs/ carton qc: qc pass part no: FYSH-5050RGB-60-24V-WW10 date:xxxx/xx/xx q'ty: 5 m foryard qc: qc pass xxxxxxxxxx 21.0 2 2 . 0 5
model. no. how to use: 1. please use this product with 24v dc. 2. please complete the esd-prevention before using . 3. the flexible led strips should be neither bent into right-angles nor folded. 4. for this product, every three leds on the same strip can be cut off and use separately (namely, every 100mm works as a group). please refer to the outline for the details. 5. the calculating way that how many this product a power supply can upload is: the current(a) that t he power supply can offer/the current distributed to each single group*total group of this pr oduct 6. the strip quantity of each sting that directly connected to the power supply should not exceed 30 pcs; otherwise, the brightness of the strip at the end of the string will be dimmed because of the vol tage reduction. although a loop circuit can avoid r eduction happening, one string should not connect too many strips. 7. the wire with gray line is anode, while the red green blue yellow white is cathode, if polarities connected in a wrong way, the strip will not b e lit, but will not be damaged either. what only needs to do is changing the polarity connectio n. 8. when installing the strips in the plastic lette rs or characters, please try to use 3 or 4 branch wires and when doing the connection try to make the strips in a letter or character or box form a loop circuit or severa l loop circuits by using red and black wire to connect the strips at the end of the strokes t ogether according to their polarities. 9. this product is water-proof. 10.when installing the strip, the double-sided adhe sive tape or carpenters glue is required to make the clip slot of the strip firmly stuc k together. when using the double-sided adhesive tape, proper glass glue must be sprea d to avoid the strip falling off after long-time exposed in the sunlight. 11.the strip quantity of each sting that directly c onnected to the power supply should not exceed 30pcs; otherwise, the brightness of the strip a t the end of the string will be dimmed because of the voltage reduction. although a lo op circuit can avoid reduction happening, one string should not connect too many strips. 12.no push, squeeze or press on the components of t he strip for fear damaging the components to affect the lighting effects. page 5/5 http://www.foryard.com model no. FYSH-5050RGB-60-24V-WW10 FYSH-5050RGB-60-24V-WW10 rev. a


▲Up To Search▲   

 
Price & Availability of FYSH-5050RGB-60-24V-WW10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X